PART |
Description |
Maker |
74LVTH273 74LVTH273SJX 74LVTH273WMX |
Low Voltage Octal D-Type Flip-Flop with Clear From old datasheet system 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 85C, 8-MSOP, TUBE 八路D类触发器
|
Fairchild Semiconductor Omron Electronics, LLC
|
SMLE12EC6T SMLE12BC7T SMLE12BC7TT86 SMLE13BC8T SML |
SML-E1 Series EXCELEDTM series Compact, Thin size (1.6×0.8mm, t=0.36mm)
|
Rohm
|
74LVT244APW-T 74LVT244ADB-T |
1K, 128 x 8, 1.8V SER EE, -40C to 85C, 8-SOIC 150mil, T/R 1K, 128 X 8, 1.8V SER EE, -40C to 125C, 8-SOIC 150mil, T/R 位非反向缓冲驱动
|
TE Connectivity, Ltd.
|
74LVTH16501 74LVTH16501MTD 74LVTH16501MEA 74LVTH16 |
8K SPI 1K X 8, 17B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE LVT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs Preliminary Low Voltage 18-Bit Universal Bus Transceivers with Bushold and 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
GM71C17800C GM71C17800C-5 GM71C17800C-7 GM71C17800 |
x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 60 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 70 ns, PDSO28 2Mx8|5V|2K|5/6|FP/EDO DRAM - 16M IC LOGIC 1G125 SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUTS -40 85C SOT-23-5 3000/REEL 2/097/152 WORDS x 8 BIT CMOS DYNAMIC RAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
SMLV56RGB1W12Y |
SMLV56 Series
|
Rohm
|
74LVC1284DB-T |
256K, 32K X 8, 1.8V SER EE IND, -40C to 85C, 8-TSSOP, T/R 4位总线收发
|
Kyocera, Corp.
|
SML-R12Y8T SMLR13WBDW3 |
SML-R1 Series PICOLED-side SML-R1 Series PICOLED-side
|
Rohm
|
MT4C4001JECJ-7/IT MT4C4001JECJ-7/XT MT4C4001JECG-8 |
1 MEG x 4 DRAM Fast Page Mode DRAM 1M X 4 FAST PAGE DRAM, 120 ns, CDSO20 1 MEG x 4 DRAM Fast Page Mode DRAM 1M X 4 FAST PAGE DRAM, 70 ns, CDSO20 1 MEG x 4 DRAM Fast Page Mode DRAM 1M X 4 FAST PAGE DRAM, 70 ns, CDIP20 1 MEG x 4 DRAM Fast Page Mode DRAM 1M X 4 FAST PAGE DRAM, 120 ns, CZIP20
|
Austin Semiconductor, Inc AUSTIN SEMICONDUCTOR INC
|
M5M44400AWJ M5M44400ATP M5M44400ART M5M44400AL M5M |
FAST PAGE MODE 4194304 BIT DYNAMIC RAM 快速页面模194304位动态随机存储器 From old datasheet system (J/L/TP/RT) Fast Page Mode 4MBit DRAM
|
Mitsubishi Electric, Corp. MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
25LC640XT-I_ST 25AA640_04 25AA640-E_P 25AA640-E_SN |
64K SPI Bus Serial EEPROM 64k, 5K X 8, 2.5V SER EE, -40C to 125C, 8-SOIC 150mil, TUBE
|
MICROCHIP[Microchip Technology]
|
|